Part Number Hot Search : 
1N4004 1N4448 1N5343B 3SK165A AT27C TSM3443 ULN2018L HC245A
Product Description
Full Text Search
 

To Download MUN5216T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MUN5211T1/D
Bias Resistor Transistor
NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SC-70/SOT-323 package which is designed for low power surface mount applications. * Simplifies Circuit Design * Reduces Board Space * Reduces Component Count * The SC-70/SOT-323 package can be soldered using wave or reflow. The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. * Available in 8 mm embossed tape and reel Use the Device Number to order the 7 inch/3000 unit reel. Replace "T1" with "T3" in the Device Number to order the 13 inch/10,000 unit reel. MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating Collector-Base Voltage Collector-Emitter Voltage Collector Current Total Power Dissipation @ TA = 25C(1) Derate above 25C Symbol VCBO VCEO IC PD
R1 PIN1 R2 BASE (INPUT) PIN2 EMITTER (GROUND) PIN3 COLLECTOR (OUTPUT)
MUN5211T1 SERIES
Motorola Preferred Devices
NPN SILICON BIAS RESISTOR TRANSISTORS
3
1 2
CASE 419-02, STYLE 3 SC-70/SOT-323
Value 50 50 100 *150 1.2
Unit Vdc Vdc mAdc mW mW/C
THERMAL CHARACTERISTICS
Thermal Resistance -- Junction-to-Ambient (surface mounted) Operating and Storage Temperature Range Maximum Temperature for Soldering Purposes, Time in Solder Bath RJA TJ, Tstg TL 833 - 65 to +150 260 10 C/W C C Sec
DEVICE MARKING AND RESISTOR VALUES
Device MUN5211T1 MUN5212T1 MUN5213T1 MUN5214T1 MUN5215T1(2) MUN5216T1(2) MUN5230T1(2) MUN5231T1(2) MUN5232T1(2) MUN5233T1(2) MUN5234T1(2) Marking 8A 8B 8C 8D 8E 8F 8G 8H 8J 8K 8L R1 (K) 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 R2 (K) 10 22 47 47 1.0 2.2 4.7 47 47
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint. 2. New devices. Updated curves to follow in subsequent data sheets. Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 2
Motorola Small-Signal Transistors, FETs and Diodes Device Data (c) Motorola, Inc. 1996
1
MUN5211T1 SERIES
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0) Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0) Emitter-Base Cutoff Current (VEB = 6.0 V, IC = 0) MUN5211T1 MUN5212T1 MUN5213T1 MUN5214T1 MUN5215T1 MUN5216T1 MUN5230T1 MUN5231T1 MUN5232T1 MUN5233T1 MUN5234T1 ICBO ICEO IEBO -- -- -- -- -- -- -- -- -- -- -- -- -- 50 50 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 100 500 0.5 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 -- -- nAdc nAdc mAdc
Collector-Base Breakdown Voltage (IC = 10 A, IE = 0) Collector-Emitter Breakdown Voltage(3) (IC = 2.0 mA, IB = 0)
V(BR)CBO V(BR)CEO
Vdc Vdc
ON CHARACTERISTICS(3)
DC Current Gain (VCE = 10 V, IC = 5.0 mA) MUN5211T1 MUN5212T1 MUN5213T1 MUN5214T1 MUN5215T1 MUN5216T1 MUN5230T1 MUN5231T1 MUN5232T1 MUN5233T1 MUN5234T1 hFE 35 60 80 80 160 160 3.0 8.0 15 80 80 -- 60 100 140 140 350 350 5.0 15 30 200 150 -- -- -- -- -- -- -- -- -- -- -- -- 0.25 Vdc
Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA) (IC = 10 mA, IB = 5 mA) MUN5230T1/MUN5231T1 (IC = 10 mA, IB = 1 mA) MUN5215T1/MUN5216T1 MUN5232T1/MUN5233T1/MUN5234T1 Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 k) MUN5211lT1 MUN5212T1 MUN5214T1 MUN5215T1 MUN5216T1 MUN5230T1 MUN5231T1 MUN5232T1 MUN5233T1 MUN5234T1 MUN5213T1
VCE(sat)
VOL -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2
Vdc
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 k)
3. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%
2
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MUN5211T1 SERIES
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 k) (VCC = 5.0 V, VB = 0.050 V, RL = 1.0 k) MUN5230T1 (VCC = 5.0 V, VB = 0.25 V, RL = 1.0 k) MUN5215T1 MUN5216T1 MUN5233T1 Input Resistor MUN5211T1 MUN5212T1 MUN5213T1 MUN5214T1 MUN5215T1 MUN5216T1 MUN5230T1 MUN5231T1 MUN5232T1 MUN5233T1 MUN5234T1 MUN5211T1/MUN5212T1/MUN5213T1 MUN5214T1 MUN5215T1/MUN5216T1 MUN5230T1/MUN5231T1/MUN5232T1 MUN5233T1 MUN5234T1 Symbol VOH Min 4.9 Typ -- Max -- Unit Vdc
R1
7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 0.8 0.17 -- 0.8 0.055 0.38
10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 1.0 0.21 -- 1.0 0.1 0.47
13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 1.2 0.25 -- 1.2 0.185 0.56
k
Resistor Ratio
R1/R2
250 PD , POWER DISSIPATION (MILLIWATTS)
200
150
100 RJA = 833C/W
50
0 - 50
0 50 100 TA, AMBIENT TEMPERATURE (C)
150
Figure 1. Derating Curve
Motorola Small-Signal Transistors, FETs and Diodes Device Data
3
MUN5211T1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS -- MUN5211T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 TA = -25C 25C 0.1 75C 1000 hFE , DC CURRENT GAIN (NORMALIZED) VCE = 10 V TA = 75C 25C -25C 100
0.01
0.001
0
20 40 IC, COLLECTOR CURRENT (mA)
50
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 2. VCE(sat) versus IC
Figure 3. DC Current Gain
4 f = 1 MHz IE = 0 V TA = 25C
100 75C IC, COLLECTOR CURRENT (mA) 10
25C TA = -25C
Cob , CAPACITANCE (pF)
3
1
2
0.1
1
0.01 VO = 5 V 0 1 2 5 6 7 3 4 Vin, INPUT VOLTAGE (VOLTS) 8 9 10
0
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
0.001
Figure 4. Output Capacitance
Figure 5. Output Current versus Input Voltage
10 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25C 25C 75C 1
0.1
0
10
20 30 40 IC, COLLECTOR CURRENT (mA)
50
Figure 6. Input Voltage versus Output Current
4
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MUN5211T1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS -- MUN5212T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 25C 0.1 TA = -25C 75C hFE, DC CURRENT GAIN (NORMALIZED) 1000 VCE = 10 V TA = 75C 25C -25C 100
0.01
0.001 0 20 IC, COLLECTOR CURRENT (mA) 40 50
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
4 f = 1 MHz IE = 0 V TA = 25C
100 IC, COLLECTOR CURRENT (mA)
75C
25C TA = -25C
Cob , CAPACITANCE (pF)
3
10
1
2
0.1
1
0.01 VO = 5 V
0
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
0.001
0
2
4 6 Vin, INPUT VOLTAGE (VOLTS)
8
10
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
100 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25C 10 75C 25C
1
0.1
0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA)
Figure 11. Input Voltage versus Output Current
Motorola Small-Signal Transistors, FETs and Diodes Device Data
5
MUN5211T1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS -- MUN5213T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 10 IC/IB = 10 1000 hFE , DC CURRENT GAIN (NORMALIZED) VCE = 10 V TA = 75C 25C -25C 100
1 25C 75C
TA = -25C 0.1
0.01 0 20 40 IC, COLLECTOR CURRENT (mA) 50
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 12. VCE(sat) versus IC
Figure 13. DC Current Gain
1 f = 1 MHz IE = 0 V TA = 25C
100 75C IC, COLLECTOR CURRENT (mA) 10
25C TA = -25C
0.8 Cob , CAPACITANCE (pF)
0.6
1
0.4
0.1
0.2
0.01 VO = 5 V 0 2 4 6 Vin, INPUT VOLTAGE (VOLTS) 8 10
0
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
0.001
Figure 14. Output Capacitance
Figure 15. Output Current versus Input Voltage
100 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25C 10 25C 75C
1
0.1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA)
Figure 16. Input Voltage versus Output Current
6
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MUN5211T1 SERIES
TYPICAL ELECTRICAL CHARACTERISTICS -- MUN5214T1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 hFE, DC CURRENT GAIN (NORMALIZED) IC/IB = 10 TA = -25C 25C 0.1 75C 300 250 200 -25C 150 100 50 0 VCE = 10 TA = 75C 25C
0.01
0.001
0
20 40 60 IC, COLLECTOR CURRENT (mA)
80
1
2
4
6
8 10 15 20 40 50 60 70 80 IC, COLLECTOR CURRENT (mA)
90 100
Figure 17. VCE(sat) versus IC
Figure 18. DC Current Gain
4 3.5 Cob , CAPACITANCE (pF) 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8 10 15 20 25 30 35 VR, REVERSE BIAS VOLTAGE (VOLTS) 40 45 50 f = 1 MHz lE = 0 V TA = 25C
100 TA = 75C IC, COLLECTOR CURRENT (mA) 25C
-25C 10
VO = 5 V 1 0 2 4 6 Vin, INPUT VOLTAGE (VOLTS) 8 10
Figure 19. Output Capacitance
Figure 20. Output Current versus Input Voltage
10 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25C 25C 75C
1
0.1
0
10
20 30 40 IC, COLLECTOR CURRENT (mA)
50
Figure 21. Input Voltage versus Output Current
Motorola Small-Signal Transistors, FETs and Diodes Device Data
7
MUN5211T1 SERIES
TYPICAL APPLICATIONS FOR NPN BRTs
+12 V
ISOLATED LOAD
FROM P OR OTHER LOGIC
Figure 22. Level Shifter: Connects 12 or 24 Volt Circuits to Logic
+12 V
VCC
OUT IN LOAD
Figure 23. Open Collector Inverter: Inverts the Input Signal
Figure 24. Inexpensive, Unregulated Current Source
8
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MUN5211T1 SERIES
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.025 0.65
0.025 0.65
0.075 1.9 0.035 0.9 0.028 0.7 inches mm
SC-70/SOT-323 POWER DISSIPATION
The power dissipation of the SC-70/SOT-323 is a function of the pad size. This can vary from the minimum pad size for soldering to the pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient; and the operating temperature, TA. Using the values provided on the data sheet, PD can be calculated as follows. PD = TJ(max) - TA RJA the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 150 milliwatts. PD = 150C - 25C = 150 milliwatts 833C/W
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into
The 833C/W assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 150 milliwatts. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, a power dissipation of 300 milliwatts can be achieved using the same footprint.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference should be a maximum of 10C.
* The soldering temperature and time should not exceed * When shifting from preheating to soldering, the * After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device. maximum temperature gradient should be 5C or less. 260C for more than 10 seconds.
Motorola Small-Signal Transistors, FETs and Diodes Device Data
9
MUN5211T1 SERIES
SOLDER STENCIL GUIDELINES
Prior to placing surface mount components onto a printed circuit board, solder paste must be applied to the pads. A solder stencil is required to screen the optimum amount of solder paste onto the footprint. The stencil is made of brass or stainless steel with a typical thickness of 0.008 inches. The stencil opening size for the surface mounted package should be the same as the pad size on the printed circuit board, i.e., a 1:1 registration.
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control settings that will give the desired heat pattern. The operator must set temperatures for several heating zones, and a figure for belt speed. Taken together, these control settings make up a heating "profile" for that particular circuit board. On machines controlled by a computer, the computer remembers these profiles from one operating session to the next. Figure 25 shows a typical heating profile for use when soldering a surface mount device to a printed circuit board. This profile will vary among soldering systems but it is a good starting point. Factors that can affect the profile include the type of soldering system in use, density and types of components on the board, type of solder used, and the type of board or substrate material being used. This profile shows temperature versus time. The line on the graph shows the actual temperature that might be experienced on the surface of a test board at or near a central solder joint. The two profiles are based on a high density and a low density board. The Vitronics SMD310 convection/infrared reflow soldering system was used to generate this profile. The type of solder used was 62/36/2 Tin Lead Silver with a melting point between 177 -189C. When this type of furnace is used for solder reflow work, the circuit boards and solder joints tend to heat first. The components on the board are then heated by conduction. The circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. Because of this effect, the main body of a component may be up to 30 degrees cooler than the adjacent solder joints.
STEP 1 PREHEAT ZONE 1 "RAMP" 200C
STEP 2 STEP 3 VENT HEATING "SOAK" ZONES 2 & 5 "RAMP"
STEP 5 STEP 4 HEATING HEATING ZONES 3 & 6 ZONES 4 & 7 "SPIKE" "SOAK" 170C 160C
STEP 6 STEP 7 VENT COOLING 205 TO 219C PEAK AT SOLDER JOINT
DESIRED CURVE FOR HIGH MASS ASSEMBLIES 150C
150C 140C SOLDER IS LIQUID FOR 40 TO 80 SECONDS (DEPENDING ON MASS OF ASSEMBLY)
100C 100C
DESIRED CURVE FOR LOW MASS ASSEMBLIES 50C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
Figure 25. Typical Solder Heating Profile
10
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MUN5211T1 SERIES
PACKAGE DIMENSIONS
A L
3 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
S
1 2
B
V G
D
C 0.05 (0.002)
RN K
J
DIM A B C D G H J K L N R S V
INCHES MIN MAX 0.071 0.087 0.045 0.053 0.035 0.049 0.012 0.016 0.047 0.055 0.000 0.004 0.004 0.010 0.017 REF 0.026 BSC 0.028 REF 0.031 0.039 0.079 0.087 0.012 0.016
MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.90 1.25 0.30 0.40 1.20 1.40 0.00 0.10 0.10 0.25 0.425 REF 0.650 BSC 0.700 REF 0.80 1.00 2.00 2.20 0.30 0.40
H
CASE 419-02 ISSUE H SC-70/SOT-323
STYLE 3: PIN 1. BASE 2. EMITTER 3. COLLECTOR
Motorola Small-Signal Transistors, FETs and Diodes Device Data
11
MUN5211T1 SERIES
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
12
Motorola Small-Signal Transistors, FETs and Diodes MUN5211T1/D Device Data
*MUN5211T1/D*


▲Up To Search▲   

 
Price & Availability of MUN5216T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X